Electronic Components Datasheet Search
  English  ▼

X  

RPD-65 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RPD-65
Description  65W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RPD-65 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RPD-65 Datasheet HTML 1Page - RSG Electronic Components GmbH RPD-65 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
File Name:RPD-65-SPEC 2006-01-27
Case No. 946A
Unit:mm
DC Output Connector (CN2) : Molex 5273-06 or equivalent
Pin No.
1,2
3,4
5
6
Assignment
V1
GND
V2
NC
Mating Housing
Molex 5195
or equivalent
Terminal
Molex 5194
or equivalent
AC Input Connector (CN1) : Molex 5273-03 or equivalent
Pin No.
1
2
3
Assignment
Mating Housing
Molex 5195
Molex 5194
or equivalent
or equivalent
Terminal
Mechanical Specification
Output Derating
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
-20
-10
0102030405060
20
40
60
For PCB with
L-Bracket+cover option
For both PCB only and with
L-Bracket+cover option
80
100
65W Dual Output Switching Power Supply
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
Output Derating VS Input Voltage
1
3
CN1
3
1
2
CN2
5
4
6
SVR1
2
5.6
115.8
127
FS1
18CFM min.
FAM
(60W convection, 77W with FAN)
Optional cover:
No. 946A-T
Optional L-Bracket:
No. 946A-D
78
26
62
130
17
68.6
8.2
41.7
84.4
2-M3
7.1
115.8
PCB only
6-M3
L=4
4-M3
L=4
AC/L
No Pin
AC/N
RPD-65 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com