Electronic Components Datasheet Search
  English  ▼

X  

T-40C Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # T-40C
Description  40W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

T-40C Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  T-40C Datasheet HTML 1Page - RSG Electronic Components GmbH T-40C Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
StaticCharacteristics(B)
FileName:T-40-SPEC2005-09-13
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
+12V
+5V
60
80
120
100
180
200
160
140
220
260
240
13
7
9
8
12
11
10
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
4.0
-12V
-12V
+12V
+5V
Ta=25
OutputDerating
-10
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
4.5
3.5
73.5
122.5
2-
M
3
129
120
6.5
77
32
4.5
3-M
3
CaseNo.903Unit:mm
TerminalPin.No Assignment
PinNo.
PinNo.
PinNo.
1
2
4
3
5
6
7
Assignment
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V2
DCOUTPUT COM
DCOUTPUT +V1
FG
AC/L
AC/N
7
6
5
4
3
2
1
40W TripleOutputSwitchingPowerSupply
T- 4 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com