Electronic Components Datasheet Search
  English  ▼

X  

TP-150 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # TP-150
Description  150W Triple Output with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

TP-150 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  TP-150 Datasheet HTML 1Page - RSG Electronic Components GmbH TP-150 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:TP-150-SPEC2006-08-22
CaseNo.916BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
100
115
135
155
264
230
20
40
60
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCH-
FILTER
&
RECTIFIERS
V2
I/P
FG
ING
CONTROL
O.V.P.
&
PFC
DETECTIONCIRCUT
RECTIFIERS
FILTER
&
REGULATOR
V3
&
FILTER
RECTIFIERS
COM
+5V
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4
2
5
6,7
8,9
Assignment
Assignment
AC/L
DCOUTPUT V2
DCOUTPUT V1
DCOUTPUT COM
AC/N
FG
DCOUTPUT V3
117
25
4-M4L=6mm
3
2
1
4
5
7
6
8
9
LED
+V ADJ.1
+V ADJ.2
5-M3L=6mm
168
2-M4
65
20
15
55
199
FAN
Airflow
direction
90
100
80
70
60
50
40
150W TripleOutputwithPFCFunction
T P - 1 5 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com