Electronic Components Datasheet Search
  English  ▼

X  

IRLR8726PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRLR8726PBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8726PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRLR8726PBF Datasheet HTML 3Page - International Rectifier IRLR8726PBF Datasheet HTML 4Page - International Rectifier IRLR8726PBF Datasheet HTML 5Page - International Rectifier IRLR8726PBF Datasheet HTML 6Page - International Rectifier IRLR8726PBF Datasheet HTML 7Page - International Rectifier IRLR8726PBF Datasheet HTML 8Page - International Rectifier IRLR8726PBF Datasheet HTML 9Page - International Rectifier IRLR8726PBF Datasheet HTML 10Page - International Rectifier IRLR8726PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRLR/U8726PbF
www.irf.com
11
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.605mH, RG = 25Ω, IAS = 20A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Calculated continuous current based on maximum allowable junction temperature. Package limitation
current is 50A.
… When mounted on 1" square PCB (FR-4 or G-10 Material).For recommended footprint and soldering techniques
refer to application note #AN-994.
† Rθ is measured at TJ approximately at 90°C
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/08
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Note
Form
Quantity
IRLR8726PBF
D-PAK
Tube/Bulk
75
IRLR8726TRPBF
D-PAK
Tape and Reel
2000
IRLU8726PBF
I-PAK
Tube/Bulk
75
Orderable part number Package Type
Standard Pack
Qualification level
Moisture Sensitivity Level
D-PAK
MS L1
(per JEDE C J-S T D-020D
†††)
I-PAK
Not applicable
RoHS compliant
Yes
Comments: This family of products has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Qualification information †
Industrial
††
(per JEDEC JESD47F
††† guidelines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com