Electronic Components Datasheet Search
  English  ▼

X  

62783 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 62783
Description  8CH HIGH−VOLTAGE SOURCE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783 Datasheet(HTML) 1 Page - Unisonic Technologies

  62783 Datasheet HTML 1Page - Unisonic Technologies 62783 Datasheet HTML 2Page - Unisonic Technologies 62783 Datasheet HTML 3Page - Unisonic Technologies 62783 Datasheet HTML 4Page - Unisonic Technologies 62783 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
62783
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R113-009.a
8CH HIGH−VOLTAGE SOURCE
DRIVER
DESCRIPTION
The UTC 62783 consists of eight source current transistor array
combination and it is suitable for fluorescent display applications.
The UTC 62783 is ideal for uses, such as relay, hammer and lamp
drivers.
FEATURES
*High output voltage: VCC = 50V (MIN.)
* Output current (single output) IOUT = -500mA (MIN.)
* Output clamp diodes and single supply voltage
* Input compatible with various types of logic
* TTL, 5V CMOS
* Halogen Free
SOP-18
ORDERING INFORMATION
Ordering Number
Package
Packing
62783G-S18-R
SOP-18
Tape Reel


Similar Part No. - 62783

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783 Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
271Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results

Similar Description - 62783

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
15-May-1998
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
15-May-1998
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
8CH HIGH-VOLTAGE SOURCE DRIVER
05-Jul-2001
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
24-Apr-1998
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
15-May-1998
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
15-May-1998
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com