Electronic Components Datasheet Search
  English  ▼

X  

62784 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 62784
Description  8CH HIGH−VOLTAGE SOURCE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62784 Datasheet(HTML) 2 Page - Unisonic Technologies

  62784 Datasheet HTML 1Page - Unisonic Technologies 62784 Datasheet HTML 2Page - Unisonic Technologies 62784 Datasheet HTML 3Page - Unisonic Technologies 62784 Datasheet HTML 4Page - Unisonic Technologies 62784 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
62784
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R113-010.a
PIN CONFIGURATION
SCHEMATICS(EACH DRIVER)
R1
R2
R3
R4
R5
10kΩ
20kΩ
2.6kΩ
10kΩ
5kΩ
Note: The input and output parasitic diodes cannot be
used as clamp diodes
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
I1
Input Of CH1
2
I2
Input Of CH2
3
I3
Input Of CH3
4
I4
Input Of CH4
5
I5
Input Of CH5
6
I6
Input Of CH6
7
I7
Input Of CH7
8
I8
Input Of CH8
9
VCC
Power Supply
10
GND
Ground
11
O8
Output Of CH8
12
O7
Output Of CH7
13
O6
Output Of CH6
14
O5
Output Of CH5
15
O4
Output Of CH4
16
O3
Output Of CH3
17
O2
Output Of CH2
18
O1
Output Of CH1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com