Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8821 Datasheet HTML 1Page - Texas Instruments DRV8821 Datasheet HTML 2Page - Texas Instruments DRV8821 Datasheet HTML 3Page - Texas Instruments DRV8821 Datasheet HTML 4Page - Texas Instruments DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Charge
Pump and
Gat e Drive
Regulator
Thermal
Shut down
AOUT1
AOUT2
BOUT1
BOUT2
GND
ABVREF
0. 1µF
16V
0.01µF
35V
+24
Step
Motor
VM
CP1
CP2
VCP
AISEN
BISEN
VCP
+24
OCP
VM
+24
Oscillator
COUT1
COUT2
DOUT1
DOUT2
Step
Motor
VM
CI SEN
DISEN
VM
+24
+24
UVLO
RESET
VGD
ABSTEP
ABDIR
ABENBLn
ABUSM0
ABUSM1
Dig.
VCC
V3P3
3.3V
Regulator
0.47µF
6.3V
CDVREF
PWM H-bridge
driver A
PWM H-bridge
driver B
PWM H-bridge
driver C
PWM H-bridge
driver D
I ndexer
Logic
ABDECAY
CDSTEP
CDDIR
CDENBLn
CDUSM0
CDUSM1
CDDECAY
ABRESETn
CDRESETn
DRV8821
SLVS912B – JANUARY 2009 – REVISED SEPTEMBER 2009.......................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com