Electronic Components Datasheet Search
  English  ▼

X  

TPS5410MDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5410MDREP
Description  1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5410MDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS5410MDREP Datasheet HTML 9Page - Texas Instruments TPS5410MDREP Datasheet HTML 10Page - Texas Instruments TPS5410MDREP Datasheet HTML 11Page - Texas Instruments TPS5410MDREP Datasheet HTML 12Page - Texas Instruments TPS5410MDREP Datasheet HTML 13Page - Texas Instruments TPS5410MDREP Datasheet HTML 14Page - Texas Instruments TPS5410MDREP Datasheet HTML 15Page - Texas Instruments TPS5410MDREP Datasheet HTML 16Page - Texas Instruments TPS5410MDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
f
CO +
f
LC
2
85 V
OUT
C
OUT +
1
3357
L
OUT
f
CO
V
OUT
ESR
MAX +
1
2p
C
OUT
f
CO
VPP(MAX)=
()
ESR
xV
V
V
MAX
OUT
IN(MAX)
OUT
x
-
NC
IN(MAX)
OUT
SW
xV
xL
xF
x0.8
1
x
ICOUT(RMS) =
Ö12
[
]
VOUT
IN(MAX)
OUT
xV
-V
VIN(MAX)
OUT
SW
xL
-F
x0.8xNC
()
TPS5410-EP
www.ti.com ......................................................................................................................................................................................... SLVS910 – SEPTEMBER 2009
(7)
and the desired output capacitor value for the output filter to:
(8)
For a desired crossover of 10 kHz and a 68-
μH inductor, the calculated value for the output capacitor is 36.5 μF.
The capacitor type should be chosen so that the ESR zero is above the loop crossover. The maximum ESR is:
(9)
The maximum ESR of the output capacitor also determines the amount of output ripple as specified in the initial
design parameters. The output ripple voltage is the inductor ripple current times the ESR of the output filter.
Check that the maximum specified ESR as listed in the capacitor data sheet results in an acceptable output
ripple voltage:
(10)
Where:
ΔVPP is the desired peak-to-peak output ripple.
NC is the number of parallel output capacitors.
FSW is the switching frequency.
The minimum ESR of the output capacitor should also be considered. For a good phase margin, if the ESR is
zero when the ESR is at its minimum, it should not be above the internal compensation poles at 24 kHz and
54 kHz.
The selected output capacitor must also be rated for a voltage greater than the desired output voltage plus one
half the ripple voltage. Any derating amount must also be included. The maximum RMS ripple current in the
output capacitor is given by Equation 11:
(11)
Where:
NC is the number of output capacitors in parallel.
FSW is the switching frequency.
For this design example, a single 47-
μF output capacitor is chosen for C3. This value is close to the calculated
value of 36.5
μF and yields an actual closed loop cross over frequency of 10.05 kHz. The calculated RMS ripple
current is 84.9 mA and the maximum ESR required is 339 m
Ω. A capacitor that meets these requirements is a
AVX TPSE476M020R0150, rated at 20 V with a maximum ESR of 150 m
Ω and a ripple current rating of 1.369 A.
This capacitor results in a peak-to-peak output ripple of 44 mV using equation 10. An additional small 0.1-
μF
ceramic bypass capacitor may also used, but is not included in this design.
Other capacitor types can be used with the TPS5410, depending on the needs of the application.
Output Voltage Setpoint
The output voltage of the TPS5410 is set by a resistor divider (R1 and R2) from the output to the VSENSE pin.
Calculate the R2 resistor value for the output voltage of 12 V using Equation 12:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS5410-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com