Electronic Components Datasheet Search
  English  ▼

X  

TF215 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TF215
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TF215 Datasheet(HTML) 2 Page - Unisonic Technologies

  TF215 Datasheet HTML 1Page - Unisonic Technologies TF215 Datasheet HTML 2Page - Unisonic Technologies TF215 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TF215
Preliminary
JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-096.a
ABSOLUTE MAXIMUM RATING (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate to Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
G-D Breakdown Voltage
BVGDO
IG=-100μA
-20
V
Gate Off Voltage
VGS(OFF)
VDS=5.0V, ID=1μA
-0.2
-0.6
-1.0
V
Drain Current
IDSS
VDS=5.0V, VGS=0
140
350
μA
Forward Transfer Admittance
|YFS|
VDS=2.0V, VGS=0, f=1KHz
0.8
1.2
mS
Input Capacitance
CISS
VDS=5.0V, VGS=0, f=1MHz
3.5
pF
Reverse Transfer Capacitance
CRSS
VDS=5.0V, VGS=0, f=1MHz
0.65
pF
Voltage Gain
GV
VIN=10mV, f=1KHz
-3.0
dB
Reduced Voltage Characteristic
△
GVV
VIN=10mV, f=1KHz VCC=4.5 1.5V
-1.2
-3.5
dB
Frequency Characteristic
△
GVf
f=1KHz~110Hz
-1.0
dB
Input Resistance
ZIN
f=1KHz
25
MΩ
Output Resistance
ZO
f=1KHz
1000
Ω
Total Harmonic Distortion
THD
VIN=30mV, f=1KHz
1.2
%
Output Noise Voltage
VNO
VIN=0, A Curve
-110
dB
CLASSIFICATION OF IDSS
RANK
D4
D5
RANGE
140-240
210-350



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com