Electronic Components Datasheet Search
  English  ▼

X  

UT3N06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3N06
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N06 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3N06 Datasheet HTML 1Page - Unisonic Technologies UT3N06 Datasheet HTML 2Page - Unisonic Technologies UT3N06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3N06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-366.a
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UTC UT3N06 is an N-channel POWER MOSFET providing
very low on-resistance. It has high efficiency and perfect
cost-effectiveness. It can be generally applied in the commercial and
industrial fields.
FEATURES
* Simple drive requirement
* Halogen Free
SYMBOL
(1) S
(2) G
(3) D
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT3N06G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
3N06G


Similar Part No. - UT3N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N06 UTC-UT3N06 Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06-Q UTC-UT3N06-Q Datasheet
231Kb / 6P
3.0A, 60V N-CHANNEL POWER
UT3N06G-AB3-R UTC-UT3N06G-AB3-R Datasheet
241Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
241Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT3N06

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com