Electronic Components Datasheet Search
  English  ▼

X  

UT232A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT232A
Description  ENHANCED RS-232 LINE DRIVERS/RECEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232A Datasheet(HTML) 1 Page - Unisonic Technologies

  UT232A Datasheet HTML 1Page - Unisonic Technologies UT232A Datasheet HTML 2Page - Unisonic Technologies UT232A Datasheet HTML 3Page - Unisonic Technologies UT232A Datasheet HTML 4Page - Unisonic Technologies UT232A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT232A
Preliminary
CMOS
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-272.b
ENHANCED RS-232 LINE
DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT232A is the enhanced versions RS-232 line
drivers/receivers. Enhancements of use performance include
increased drive current for longer and more flexible cable
configurations and 10V/µs slew rate, 120k bits per second
guaranteed transmission rate and Ease of use enhancements
include enhanced ESD protection, low power dissipation, smaller,
0.1µF charge pump capacitors, and overall ruggedized construction
for commercial environments.
FEATURES
* Receiver input levels:±30V
* Single 5V power supply
* 0.1µF small charge pump capacitors
* High data rate-120kbps
* High output slew rate 10V/µs
* ≤1µA low power shutdown
* 3-State outputs of TTL/CMOS receiver
* Multiple drivers and receivers
DIP-16
SOP-16
Lead-free:
UT232AL
Halogen-free: UT232AG
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UT232A-D16-T
UT232AL-D16-T
UT232AG-D16-T
DIP-16
Tube
UT232A-S16-R
UT232AL-S16-R
UT232AG-S16-R
SOP-16
Tape Reel


Similar Part No. - UT232A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-D16-T UTC-UT232AG-D16-T Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-D16-T UTC-UT232AG-D16-T Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-S16-R UTC-UT232AG-S16-R Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-S16-R UTC-UT232AG-S16-R Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
More results

Similar Description - UT232A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com