Electronic Components Datasheet Search
  English  ▼

X  

SLA7052M Datasheet(PDF) 2 Page - Sanken electric

Part # SLA7052M
Description  2-Phase Unipolar Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7052M Datasheet(HTML) 2 Page - Sanken electric

  SLA7052M Datasheet HTML 1Page - Sanken electric SLA7052M Datasheet HTML 2Page - Sanken electric SLA7052M Datasheet HTML 3Page - Sanken electric SLA7052M Datasheet HTML 4Page - Sanken electric SLA7052M Datasheet HTML 5Page - Sanken electric SLA7052M Datasheet HTML 6Page - Sanken electric SLA7052M Datasheet HTML 7Page - Sanken electric SLA7052M Datasheet HTML 8Page - Sanken electric SLA7052M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7050M/7051M/7052M
October 2005
Sanken Electric Co.,Ltd.
I03-002EA-051006
Scope
The present specifications shall apply to Sanken 2 Phase Stepper Motor Driver IC,SLA705xM Series.
The present specifications shall apply to SLA 705xM Series which is performed RoHS instructions.
Lead part solder:Pb free
Inner solder:Lead content >85%
Outline
Type
Hybrid integrated circuit
Structure
Plastic molded (transfer mold)
Applications
To drive a 2 phase stepper motor.
(Full or Half Step. PWM Current Control.)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Remarks
Motor Supply Voltage
VM
46
V
Load Supply Voltage
VS
46
V
Logic Supply Voltage
Vcc
7
V
1.0
SLA7050M
2.0
SLA7051M
Output Current
Io
3.0
A
SLA7052M
Logic Input Voltage
VIN
-
0.3~Vcc+0.3
V
REF Input Voltage
VREF
-
0.3~Vcc+0.3
V
Sense Voltage
VRs
-
2~2
V
Tw<1μS doesn't
contain it.
4
W
at Ta=25℃
Total Device Dissipation
PD
20
W
at Tc=25℃
Junction Temperature
Tj
150
℃
Operating Temperature
Range
Ta
-
20~85
℃
Storage Temperature Range
Tstg
-
30~150
℃
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com