Electronic Components Datasheet Search
  English  ▼

X  

02090.6MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 02090.6MXP
Description  Axial Lead & Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02090.6MXP Datasheet(HTML) 1 Page - Littelfuse

  02090.6MXP Datasheet HTML 1Page - Littelfuse 02090.6MXP Datasheet HTML 2Page - Littelfuse 02090.6MXP Datasheet HTML 3Page - Littelfuse 02090.6MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revised: January 7, 2009
251
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
209 Series
Please refer to www.littelfuse.com/series/209.html for current information.
209 Series Lead-Free 2AG, Slo-Blo® (Time-Lag) Fuse
Littelfuse 209 Series (2AG) 350V, Time-Lag (Slo-Blo®) Fuses
are available in cartridge form or with axial leads. This
series provides the same performance characteristics as
its 3AG counterpart, while occupying one-third the space.
Sleeved fuses are available.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
250mA - 1A
PS
E
NBK210405-E10480 G/H
1A
250mA - 1A
Features
Electrical Characteristics for Series
with Underwriter’s
Laboratories Standard
UL 248-14
boardwashable in most
solvents
and axial lead form and
with various forming
dimensions
Lead-free
Applications
% of Ampere
Rating
OpeningTime
100%
4 Hours, Min.
135%
1 Hour, Max.
200%
3 Sec. Min. ; 20 Sec. Max.
Amp
Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.250
0.25
350
100A @
350Vac
2.410
0.216
x
x
.375
0.375
350
1.170
0.580
x
x
.500
0.5
350
0.688
1.160
x
x
.600
0.6
350
0.477
1.750
x
x
.750
0.75
350
0.340
2.950
x
x
.800
0.8
350
0.304
3.450
x
x
001.
1
350
0.210
5.640
x
x
x
Electrical Characteristic Specifications by Item
PS
E
Description


Similar Part No. - 02090.6MXP

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Weidmuller
0209000000 WEIDMULLER-0209000000 Datasheet
102Kb / 1P
Fuse terminals
0209000000 WEIDMULLER-0209000000 Datasheet
1Mb / 52P
SAK-series
logo
Littelfuse
0209001.DRT1P LITTELFUSE-0209001.DRT1P Datasheet
454Kb / 4P
209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0209001.MXEP LITTELFUSE-0209001.MXEP Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
More results

Similar Description - 02090.6MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
Axial Lead & Cartridge Fuses
3004M LITTELFUSE-3004M Datasheet
218Kb / 4P
Axial Lead Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com