Electronic Components Datasheet Search
  English  ▼

X  

437 Datasheet(PDF) 1 Page - Littelfuse

Part # 437
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

437 Datasheet(HTML) 1 Page - Littelfuse

  437 Datasheet HTML 1Page - Littelfuse 437 Datasheet HTML 2Page - Littelfuse 437 Datasheet HTML 3Page - Littelfuse 437 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/437.html for current information.
437 Series
Ceramic Fuse > 437 Series
437 Series – 1206 Fast-Acting Fuse
Description
This 100% Lead-free, RoHS compliant and Halogen-free
fuse series has been designed specifically to provide over
current protection to circuits that see high working ambient
temperatures (up to 150ºC).
The general design ensures excellent temperature stability
and performance reliability.
In addition to this, the high I²t values typical of the
Littelfuse Ceramic Fuse family ensure high inrush current
withstand capability.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.250A ~ 8A
LR29862
0.250A ~ 8A
Features
Electrical Characteristics for Series
from -55ºC to +150ºC
RoHS compliant
and lead-free reflow /
wave soldering
% of Ampere
Rating
Ampere Rating
OpeningTime at 25ºC
100%
250mA - 8A
4 hours, Minimum
250%
750mA - 8A
5 seconds, Maximum
350%
250mA -500mA
5 seconds, Maximum
350%
750mA - 8A
1 second, Maximum
Applications
Ampere
Rating
(A)
Amp
Code
Max.
Voltage
Rating (V)
Interrupting Rating
Nominal
Resistance
(Ohms)2
Nominal
Melting I2t
(A2Sec.)3
Nominal Voltage
Drop At Rated
Current (V)4
Nominal Power
Dissipation At
Rated Current (W)
Agency Approvals
250mA
.250
125
50 A @ 125 V AC/DC
2.290
0.003
0.78
0.195
x
x
375mA
.375
125
1.330
0.010
0.60
0.225
x
x
500mA
.500
63
50 A @ 63 V AC/DC
0.908
0.018
0.52
0.260
x
x
750mA
.750
63
0.665
0.064
0.45
0.335
x
x
1A
001.
63
0.360
0.100
0.41
0.415
x
x
1.25A
1.25
63
0.318
0.256
0.40
0.496
x
x
1.5A
01.5
63
0.209
0.324
0.39
0.579
x
x
1.75A
1.75
63
0.0703
0.075
0.27
0.474
x
x
2A
002.
63
0.058
0.144
0.17
0.345
x
x
2.5A
02.5
32
50 A @ 32 V AC/DC
0.043
0.225
0.14
0.363
x
x
3A
003.
32
0.033
0.400
0.15
0.462
x
x
3.5A
03.5
32
0.027
0.576
0.16
0.560
x
x
4A
004.
32
0.022
1.024
0.16
0.618
x
x
5A
005.
32
0.016
1.936
0.09
0.484
x
x
7A
007.
32
0.010
4.900
0.11
0.760
x
x
8A
008.
32
0.0084
6.400
0.067
0.539
x
x
Electrical Specifications by Item
Notes:
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
2. Nominal Resistance measured with < 10% rated current.
3. Nominal Melting I²t measured at 1 msecs. opening time.
4. Nominal Voltage Drop measured at rated current after temperature has stabilized.
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Rerating Curve”for additional rerating information.
Devices designed to be mounted with marking code facing up.
Revised: August 3, 2009


Similar Part No. - 437

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
437 KEYSTONE-437 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
ETAL Group
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
437-K12-1-06-SI-FA ETAL-437-K12-1-06-SI-FA Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
437-K12-1-06-SI-FC ETAL-437-K12-1-06-SI-FC Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
437-K12-1-06-SI01-FA ETAL-437-K12-1-06-SI01-FA Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
More results

Similar Description - 437

ManufacturerPart #DatasheetDescription
logo
Littelfuse
424 LITTELFUSE-424 Datasheet
68Kb / 2P
SURFACE MOUNT FUSES
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com