Electronic Components Datasheet Search
  English  ▼

X  

438 Datasheet(PDF) 1 Page - Littelfuse

Part # 438
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

438 Datasheet(HTML) 1 Page - Littelfuse

  438 Datasheet HTML 1Page - Littelfuse 438 Datasheet HTML 2Page - Littelfuse 438 Datasheet HTML 3Page - Littelfuse 438 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
21
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
438 Series
Ceramic Fuse > 438 Series
Please refer to www.littelfuse.com/series/438.html for current information.
438 Series – 0603 Fast-Acting Fuse
Description
The 438 Series is a 100% Lead-free, RoHS compliant and
Halogen-free fuse series designed specifically to provide
over-current protection to circuits that operate under high
working ambient temperature up to 150ºC.
The general design ensures excellent temperature stability
and performance reliability.
The high I²t values which is typical in the Littelfuse Ceramic
Fuse family ensure high inrush current withstand capability.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.250A – 6A
LR29862
0.250A – 6A
Features
Electrical Characteristics for Series
from -55ºC to +150ºC
compliant and Halogen-
free
and lead-free reflow /
wave soldering
% of Ampere
Rating
Ampere Rating
OpeningTime at 25ºC
100%
0.250A – 6A
4 Hours, Minimum
250%
0.250A – 6A
5 Seconds, Maximum
Applications
Ampere
Rating
(A)
Amp
Code
Max.
Voltage
Rating (V)
Interrupting Rating
Nominal
Resistance
(Ohms)2
Nominal
Melting I2t
(A2Sec.)3
Nominal Voltage
Drop At Rated
Current (V)4
Nominal Power
Dissipation At
Rated Current (W)
Agency Approvals
0.25
.250
32
50 A @ 32 VDC
2.024
0.0017
0.550
0.138
x
x
0.375
.375
32
1.247
0.0041
0.488
0.183
x
x
0.5
.500
32
0.829
0.0100
0.486
0.243
x
x
0.75
.750
32
0.466
0.0281
0.378
0.284
x
x
1
001.
32
0.310
0.0593
0.351
0.351
x
x
1.25
1.25
32
0.200
0.0510
0.365
0.456
x
x
1.5
01.5
32
0.174
0.0902
0.368
0.552
x
x
1.75
1.75
32
0.125
0.1440
0.360
0.540
x
x
2
002.
32
0.051
0.1490
0.107
0.214
x
x
2.5
02.5
32
0.0324
0.1977
0.095
0.238
x
x
3
003.
32
0.0252
0.2922
0.093
0.279
x
x
3.5
03.5
32
0.0203
0.4752
0.082
0.287
x
x
4
004.
32
0.0169
0.6920
0.079
0.316
x
x
5
005.
32
0.0113
0.7398
0.074
0.370
x
x
6
006.
24
50 A @ 24 VDC
0.0087
1.3838
0.072
0.432
x
x
Electrical Specifications by Item
Notes:
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
2. Nominal Resistance measured with < 10% rated current.
3. Nominal Melting I²t measured at 1 msec. opening time.
4. Nominal Voltage Drop measured at rated current after temperature has stabilized.
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Rerating Curve”for additional rerating information.
Devices designed to be mounted with marking code facing up.
Revised: August 21, 2009


Similar Part No. - 438

ManufacturerPart #DatasheetDescription
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
3M™ Heavy Duty Aluminum Foil Tape 438
May-2017
logo
Dremel
438 DREMEL-438 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Keystone Electronics Co...
438 KEYSTONE-438 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Artisan Controls Corpor...
438 ARTISAN-438 Datasheet
304Kb / 2P
Delay-On-Make Time Capsule®
logo
EDAC, All Rights Reserv...
438-017-000-112 EDAC-438-017-000-112 Datasheet
76Kb / 1P
438 Series High Reliability Inter-Lock | Green | Metal to Metal | Receptacle | High Profile Insulator | Open Card Slot
AUG. 01/2018
More results

Similar Description - 438

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com