Electronic Components Datasheet Search
  English  ▼

X  

SSM1002MA Datasheet(PDF) 2 Page - Sanken electric

Part # SSM1002MA
Description  High Voltage 3-Phase Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSM1002MA Datasheet(HTML) 2 Page - Sanken electric

  SSM1002MA Datasheet HTML 1Page - Sanken electric SSM1002MA Datasheet HTML 2Page - Sanken electric SSM1002MA Datasheet HTML 3Page - Sanken electric SSM1002MA Datasheet HTML 4Page - Sanken electric SSM1002MA Datasheet HTML 5Page - Sanken electric SSM1002MA Datasheet HTML 6Page - Sanken electric SSM1002MA Datasheet HTML 7Page - Sanken electric SSM1002MA Datasheet HTML 8Page - Sanken electric SSM1002MA Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High Voltage 3-Phase Motor Driver
SSM1002MA
2
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
Between VBB and LS
–
300
450
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
–
16.5
V
Dead Time
tdead
2.5
–
–
μs
Junction Temperature
TJ
–
–
125
°C
Selection Guide
Part Number
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SSM1002MA
8 pieces per tube
600
1.6
25
40
Absolute Maximum Ratings
, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
Main Supply Voltage
VBB
Between VBB and GND
450
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
TC = 25°C
25
A
Output Current, Pulsed
IOP
PW ≤ 5 ms
40
A
Input Voltage
VIN
–0.5 to 7
V
RC Pin Input Voltage
VRC
Between RC and COM
20
V
Allowable Power Dissipation
PD
TC = 25°C, 1 element operating (IGBT)
45
W
Allowable Power Dissipation for
Shunt Resistance
PDR
TC = 25°C
6
W
Thermal Resistance (Junction to Case)
RθJC
1 element operating (IGBT)
2.78
°C/W
1 element operating (FWD)
3.98
°C/W
Case Operating Temperature
TCOP
–20 to 100
°C
Junction Temperature (IGBT)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between exposed thermal dissipation pad and each pin;
for 1 minute, AC
1500
VRMS
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com