Electronic Components Datasheet Search
  English  ▼

X  

D965 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # D965
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

D965 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  D965 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. D965 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
D965
TRANSISTOR (NPN)
FEATURES
Audio amplifier
Flash unit of camera
Switching circuit
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
42
V
VCEO
Collector-Emitter Voltage
22
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
750
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA, IE=0
42
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
22
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
hFE(1)
VCE=2V, IC= 0.15 mA
150
hFE(2)
VCE= 2V,IC = 500 mA
340
2000
DC current gain
hFE(3)
VCE=2V, IC = 2A
150
Collector-emitter saturation voltage
VCE(sat)
IC=3000mA,IB=100 mA
0.35
V
Transition frequency
fT
VCE=6V,
IC=50mA,f=30MHz
150
MHz
CLASSIFICATION OF
hFE(2)
Rank
R
T
V
Range
340-600
560-950
900-2000
1 2 3
TO-92
1.EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - D965

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D965 JIANGSU-D965 Datasheet
530Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Stanson Technology
D965 STANSON-D965 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
D965 SECOS-D965 Datasheet
278Kb / 2P
NPN General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
D965 WINNERJOIN-D965 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
D965 HOTTECH-D965 Datasheet
980Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - D965

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com