Electronic Components Datasheet Search
  English  ▼

X  

2SD1616A Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # 2SD1616A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2SD1616A Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  2SD1616A Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2SD1616A Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
2SD1616A
TRANSISTOR (NPN)
FEATURE
Power dissipation
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
750
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55 to150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 10μA , IE=0
120
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 2mA , IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
hFE1
VCE=2 V, IC= 100mA
135
600
DC current gain
hFE2
VCE=2 V, IC= 1A
81
Collector-emitter saturation voltage *
VCE(sat)
IC= 1A, IB=50mA
0.3
V
Base-emitter saturation voltage *
VBE(sat)
IC= 1A, IB=50mA
1.2
V
Base-emitter voltage
*
VBE
VCE= 2V, IC=50mA
0.6
0.7
V
Transition frequency
fT
VCE=2 V, IC= 100mA
100
MHz
Output capacitance
Cob
VCB=10 V,IE= 0, f=1MHz
19
pF
Turn on time
ton
0.07
μs
Storage time
tS
0.95
μs
Fall time
tF
Vcc=10V, IC=100mA,
IB1=-IB2=10mA
0.07
μs
*pulse test: PW≤350µS, δ≤2%.
CLASSIFICATION OF hFE1
Rank
L
K
U
Range
135-270
200-400
300-600
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BSAE


Similar Part No. - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2SD1616A MICRO-ELECTRONICS-2SD1616A Datasheet
111Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
NPN SILICON TRANSISTORS
logo
Weitron Technology
2SD1616A WEITRON-2SD1616A Datasheet
1Mb / 5P
NPN Transistors
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
66Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com