Electronic Components Datasheet Search
  English  ▼

X  

0438SWR Datasheet(PDF) 3 Page - Littelfuse

Part # 0438SWR
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0438SWR Datasheet(HTML) 3 Page - Littelfuse

  0438SWR Datasheet HTML 1Page - Littelfuse 0438SWR Datasheet HTML 2Page - Littelfuse 0438SWR Datasheet HTML 3Page - Littelfuse 0438SWR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
23
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
438 Series
Ceramic Fuse > 438 Series
Please refer to www.littelfuse.com/series/438.html for current information.
Materials
Body: Advanced Ceramic
Terminations: Ag / Ni / Sn (100% Lead-free)
Element Cover Coating: Lead-free Glass
Moisture
Sensitivity Level
Solderability
Humidity
ESD Immunity
Resistance to
Solder Heat
Product Characteristics
Moisture Resistance
MIL-STD-202, Method 106G
Thermal Shock
MIL-STD-202, Method 107G,
Mechanical Shock
Condition A
Vibration
MIL-STD-202, Method 201A
Vibration,
High Frequency
MIL-STD-202, Method 204D,
Condition D
Dissolution of
Metallization
Condition D
Terminal Strength
Dimensions
1.54 ± 0.150
[0.061 ± 0.006]
0.74
[0.029]
1.00
[0.039]
1.94
[0.076]
0.60
[0.024]
0.502 ± 0.080
[0.020 ± 0.003]
0.530 +/- 0.150
[0.021 +/- 0.006]
0.85 ± 0.150
[0.033 ± 0.006]
0.432 +/- 0.150
[0.017 +/- 0.006]
Packaging
Part Marking System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
8mm Tape and Reel
3000
WR
Part Numbering System
0438 005. W R
SERIES
AMP CODE
QUANTITY CODE
PACKING CODE
W = 3000 pcs
Amp Code
Marking Code
.250
D
.375
E
.500
F
.750
G
001.
H
1.25
J
01.5
K
1.75
L
002.
N
02.5
O
003.
P
03.5
R
004.
S
005.
T
006.
U



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com