Electronic Components Datasheet Search
  English  ▼

X  

0469SWR Datasheet(PDF) 1 Page - Littelfuse

Part # 0469SWR
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0469SWR Datasheet(HTML) 1 Page - Littelfuse

  0469SWR Datasheet HTML 1Page - Littelfuse 0469SWR Datasheet HTML 2Page - Littelfuse 0469SWR Datasheet HTML 3Page - Littelfuse 0469SWR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/469.html for current information.
Surface Mount Fuses
469 Series
Ceramic Fuse > 469 Series
469 Series – 1206 Slo-Blo® Fuse
Description
The 469 Series is a 100% Lead-free, RoHS compliant and
Halogen-free fuse series designed specifically to provide
over-current protection to circuits that operate under high
working ambient temperature up to 150ºC.
The general design ensures excellent temperature stability
and performance reliability.
The high I²t values which are typical in the Littelfuse
Ceramic fuse family, ensure high inrush current withstand
capability.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
1A – 8A
LR29862 (Pending)
1A – 8A
Features
Electrical Characteristics for Series
from -55ºC to +150ºC
compliant and Halogen-
free
and lead-free reflow /
wave soldering
% of Ampere
Rating
Ampere
Rating
OpeningTime at 25ºC
100%
1A – 8A
4 hours, Minimum
200%
1A – 8A
1 sec., Min.; 120 secs., Max.
300%
1A – 8A
0.1 sec., Min.; 3 secs., Max.
800%
1A – 8A
0.002 sec., Min.; 0.05 sec., Max.
Applications
Ampere
Rating
(A)
Amp
Code
Max.
Voltage
Rating (V)
Interrupting Rating
Nominal
Resistance
(Ohms)2
Nominal
Melting I2t
(A2Sec.)3
Nominal Voltage
Drop At Rated
Current (V)4
Nominal Power
Dissipation At
Rated Current (W)
Agency Approvals
1001.
63
50 A @ 63 V DC
pending pending
1.25
1.25
63
pending pending
1.5
01.5
63
pending pending
2
002.
63
pending pending
2.5
02.5
32
50 A @ 32 V DC
pending pending
3
003.
32
pending pending
3.5
03.5
32
pending pending
4
004.
32
60 A @ 32 V DC
0.052
3.560
0.236
0.944
pending pending
5
005.
32
0.035
5.620
0.216
1.080
pending pending
6
006.
24
60 A @ 24 V DC
0.028
9.410
0.274
1.640
pending pending
7
007.
24
0.021
14.400
0.216
1.510
pending pending
8
008.
24
0.017
23.720
0.233
1.860
pending pending
Electrical Specifications by Item
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Rerating Curve”for additional rerating information.
Devices designed to be mounted with marking code facing up.
Revised: September 1, 2009


Similar Part No. - 0469SWR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0469001.WR LITTELFUSE-0469001.WR Datasheet
199Kb / 4P
Surface Mount Fuses
0469002.WR LITTELFUSE-0469002.WR Datasheet
199Kb / 4P
Surface Mount Fuses
0469003.WR LITTELFUSE-0469003.WR Datasheet
199Kb / 4P
Surface Mount Fuses
0469004.WR LITTELFUSE-0469004.WR Datasheet
199Kb / 4P
Surface Mount Fuses
0469005.WR LITTELFUSE-0469005.WR Datasheet
199Kb / 4P
Surface Mount Fuses
More results

Similar Description - 0469SWR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
424 LITTELFUSE-424 Datasheet
68Kb / 2P
SURFACE MOUNT FUSES
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com