Electronic Components Datasheet Search
  English  ▼

X  

A42 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # A42
Description  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

A42 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  A42 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. A42 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. A42 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-92 Plastic-Encapsulate Transistors
A42 TRANSISTOR (NPN)
FEATURES
High voltage
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
RӨJA
Thermal Resistance, junction to Ambient
200
℃/mW
RӨJC
Thermal Resistance, unction to Case
83.3
℃/mW
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100uA, IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=200V, IE=0
0.25
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
hFE(1)
VCE=10V, IC=1mA
60
hFE(2)
VCE=10V, IC=10mA
80
250
DC current gain
hFE(3)
VCE=10V, IC=30mA
75
Collector-emitter saturation voltage
VCE(sat)
IC=20mA, IB=2mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA, IB=2mA
0.9
V
Transition frequency
fT
VCE=20V, IC=10mA,f=30MHZ
50
MHz
CLASSIFICATION OF hFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR


Similar Part No. - A42

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A42 JIANGSU-A42 Datasheet
260Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Shenzhen Jin Yu Semicon...
A42 HTSEMI-A42 Datasheet
189Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
A42 WINNERJOIN-A42 Datasheet
146Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Tiger Electronic Co.,Lt...
A42 TGS-A42 Datasheet
224Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
A42 DGNJDZ-A42 Datasheet
445Kb / 1P
High voltage
More results

Similar Description - A42

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com