Electronic Components Datasheet Search
  English  ▼

X  

A92 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # A92
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

A92 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  A92 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. A92 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
A92 TRANSISTOR (PNP)
FEATURES
High voltage
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-300
V
VCEO
Collector-Emitter Voltage
-300
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Power Dissipation
625
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
RӨJA
Thermal Resistance, junction to Ambient
200
℃/mW
RӨJC
Thermal Resistance, unction to Case
83.3
℃/mW
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100uA, IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -200 V
IE=0
-0.25
μA
Emitter cut-off current
IEBO
VEB= -5 V, IC=0
-0.1
μA
hFE(1)
VCE= -10 V, IC=- 1 mA
60
hFE(2)
VCE= -10V, IC = -10 mA
80
250
DC current gain
hFE(3)
VCE= -10 V, IC= -80 mA
60
Collector-emitter saturation voltage
VCE(sat)
IC= -20 mA, IB= -2 mA
-0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= -20 mA, IB= -2 mA
-0.9
V
Transition frequency
fT
VCE= -20 V, IC= -10 mA
f = 30MHz
50
MHz
CLASSIFICATION OF hFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
1 2 3
TO-92
1.EMITTER
2.BASE
3.COLLECTOR


Similar Part No. - A92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A92 JIANGSU-A92 Datasheet
276Kb / 3P
TRANSISTOR竊?PNP 竊
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
513Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
A92 SECOS-A92 Datasheet
274Kb / 2P
PNP Plastic-Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
A92 HTSEMI-A92 Datasheet
172Kb / 1P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - A92

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com