Electronic Components Datasheet Search
  English  ▼

X  

MPS2907A Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # MPS2907A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

MPS2907A Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  MPS2907A Datasheet HTML 1Page - Daya Electric Group Co., Ltd. MPS2907A Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
MPS2907A
TRANSISTOR (PNP)
FEATURES
Complementary NPN Type available (MPS2222A)
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.6
A
PC
Collector Power Dissipation
0.625
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-10
n A
Collector cut-off current
ICEX
VCE=-30V,VEB(off)=-0.5V
-50
nA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-10
nA
hFE(1)
VCE=-10V,IC=-0.1mA
78
hFE(2)
VCE=-10V,IC=-150mA
100
300
DC current gain
hFE(3)
VCE=-10V,IC=-500mA
52
VCE(sat)
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.67
V
VBE(sat)
IC=-150mA,IB=-15mA
-1
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA,IB=-50mA
-1.2
V
Transition frequency
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Delay time
td
10
nS
Rise time
tr
VCC=-30V,Ic=-150mA,IB1=-15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-6V,Ic=-150mA,
IB1=IB2=-15mA
60
nS
CLASSIFICATION OF
hFE(2)
Rank
L
H
Range
100-200
200-300
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR


Similar Part No. - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907A MOTOROLA-MPS2907A Datasheet
245Kb / 6P
General Purpose Transistors
logo
ON Semiconductor
MPS2907A ONSEMI-MPS2907A Datasheet
115Kb / 8P
General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Samsung semiconductor
MPS2907A SAMSUNG-MPS2907A Datasheet
36Kb / 1P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
General Semiconductor
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
List of Unclassifed Man...
MPS2907A ETC-MPS2907A Datasheet
1Mb / 2P
TO-92 PLASTIC ENCAPSULATE TRANSISTORS
More results

Similar Description - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com