Electronic Components Datasheet Search
  English  ▼

X  

MMBTA14 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # MMBTA14
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

MMBTA14 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  MMBTA14 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. MMBTA14 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. MMBTA14 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 Plastic-Encapsulate Transistors
MMBTA13,14
TRANSISTOR (NPN)
FEATURES
Darlington Amplifier
Marking : MMBTA13:K2D; MMBTA14:K3D
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current -Continuous
0.3
A
PC
Collector Power Dissipation
350
mW
RθJA
Thermal Resistance Junction to Ambient
417
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55 to +150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 100uA, IB=0
30
V
Collector-emitter breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
10
V
Collector cut-off current
ICBO*
VCB=30 V , IE=0
0.1
μA
Emitter cut-off current
IEBO*
VEB= 10V ,
IC=0
0.1
μA
hFE(1) *
VCE=5V, IC= 10mA
MMBTA13
MMBTA14
5000
10000
DC current gain
hFE(2) *
VCE=5V, IC= 100mA
MMBTA13
MMBTA14
10000
20000
Collector-emitter saturation voltage
VCE (sat)*
IC=100mA, IB=0.1mA
1.5
V
Base-emitter saturation voltage
VBE (sat) *
IC=100mA, IB=0.1mA
2
V
Base-emitter voltage
VBE *
VCE=5V,IC= 100mA
2.0
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=100MHz
125
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
12
pF
* Pulse Test : pulse width≤300μs,duty cycle≤2%.
Unit : mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA14 TRSYS-MMBTA14 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA14 FAIRCHILD-MMBTA14 Datasheet
55Kb / 3P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA14 DIODES-MMBTA14 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA14 KEC-MMBTA14 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com