Electronic Components Datasheet Search
  English  ▼

X  

ZMM5221 Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # ZMM5221
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

ZMM5221 Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  ZMM5221 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. ZMM5221 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. ZMM5221 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMM5221...ZMM5264
Nominal Zener
Voltage
3)
Maximum Zener Impedance
1)
Typical Temperature
Coefficient
Maximum Reverse Leakage
Current
Type
VZ at IZT
(V)
(mA)
ZZT (Ω)
at IZT
ZZK (Ω)
at IZK = 0.25 mA
αVZ%/K
IR (µA)
Suffix A
at VR (V)
Suffix B
at VR (V)
Maximum
Regulator
Current
2)
IZM (mA)
ZMM5221
2.4
20
30
1200
-0.085
100
0.95
1
185
ZMM5222
2.5
20
30
1250
-0.085
100
0.95
1
180
ZMM5223
2.7
20
30
1300
-0.080
75
0.95
1
165
ZMM5224
2.8
20
30
1400
-0.080
75
0.95
1
160
ZMM5225
3
20
29
1600
-0.075
50
0.95
1
152
ZMM5226
3.3
20
28
1600
-0.070
25
0.95
1
138
ZMM5227
3.6
20
24
1700
-0.065
15
0.95
1
126
ZMM5228
3.9
20
23
1900
-0.060
10
0.95
1
115
ZMM5229
4.3
20
22
2000
-0.055
5
0.95
1
106
ZMM5230
4.7
20
19
1900
60.030
5
0.95
2
97
ZMM5231
5.1
20
17
1600
60.030
5
1.9
2
89
ZMM5232
5.6
20
11
1600
+0.038
5
2.9
3
81
ZMM5233
6
20
7
1600
+0.038
5
3.3
3.5
76
ZMM5234
6.2
20
7
1000
+0.045
5
3.8
4
73
ZMM5235
6.8
20
5
750
+0.050
3
4.8
5
67
ZMM5236
7.5
20
6
500
+0.058
3
5.7
6
61
ZMM5237
8.2
20
8
500
+0.062
3
6.2
6.5
55
ZMM5238
8.7
20
8
600
+0.065
3
6.2
6.5
52
ZMM5239
9.1
20
10
600
+0.068
3
6.7
7
50
ZMM5240
10
20
17
600
+0.075
3
7.6
8
45
ZMM5241
11
20
22
600
+0.076
2
8.0
8.4
41
ZMM5242
12
20
30
600
+0.077
1
8.7
9.1
38
ZMM5243
13
9.5
13
600
+0.079
0.5
9.4
9.9
35
ZMM5244
14
9
15
600
+0.082
0.1
9.5
10
32
ZMM5245
15
8.5
16
600
+0.082
0.1
10.5
11
30
ZMM5246
16
7.8
17
600
+0.083
0.1
11.4
12
28
ZMM5247
17
7.4
19
600
+0.084
0.1
12.4
13
27
ZMM5248
18
7.0
21
600
+0.085
0.1
13.3
14
25
ZMM5249
19
6.6
23
600
+0.086
0.1
13.3
14
24
ZMM5250
20
6.2
25
600
+0.086
0.1
14.3
15
23
ZMM5251
22
5.6
29
600
+0.087
0.1
16.2
17
21
ZMM5252
24
5.2
33
600
+0.087
0.1
17.1
18
19.1
ZMM5253
25
5
35
600
+0.089
0.1
18.1
19
18.2
ZMM5254
27
4.6
41
600
+0.090
0.1
20
21
16.8
ZMM5255
28
4.4
44
600
+0.091
0.1
20
21
16.2
ZMM5256
30
4.2
49
600
+0.091
0.1
22
23
15.1
ZMM5257
33
3.8
58
700
+0.092
0.1
24
25
13.8
ZMM5258
36
3.4
70
700
+0.093
0.1
26
27
12.6
ZMM5259
39
3.2
80
800
+0.094
0.1
29
30
11.6
ZMM5260
43
3
93
900
+0.095
0.1
31
33
10.6
ZMM5261
47
2.7
105
1000
+0.095
0.1
34
36
9.7
ZMM5262
51
2.5
125
1100
+0.096
0.1
37
39
8.9
ZMM5263
56
2.2
150
1300
+0.096
0.1
43
45
8.1
ZMM5264
60
2.1
170
1400
+0.097
0.1
44
46
7.6
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener current (IZT or IZK ) is superimposed on IZT or IZK . Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Valid provided that electrodes are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.
4) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com