Electronic Components Datasheet Search
  English  ▼

X  

BZT52C Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # BZT52C
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

BZT52C Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  BZT52C Datasheet HTML 1Page - Daya Electric Group Co., Ltd. BZT52C Datasheet HTML 2Page - Daya Electric Group Co., Ltd. BZT52C Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 09/11/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT52C…W
SILICON PLANAR ZENER DIODES
Features
• Ideally suited for automated assembly processes
• Total power dissipation: max. 500 mW
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
340
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-123 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - BZT52C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C LUGUANG-BZT52C Datasheet
143Kb / 3P
0.5W Zener Diodes
logo
GUANGDONG HOTTECH INDUS...
BZT52C HOTTECH-BZT52C Datasheet
285Kb / 3P
ZENER DIODES
logo
DIYI Electronic Technol...
BZT52C DYELEC-BZT52C Datasheet
539Kb / 4P
Plastic-Encapsulate Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
More results

Similar Description - BZT52C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com