Electronic Components Datasheet Search
  English  ▼

X  

VLD Datasheet(PDF) 1 Page - Littelfuse

Part # VLD
Description  POLYFUSE RESETTABLE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLD Datasheet(HTML) 1 Page - Littelfuse

  VLD Datasheet HTML 1Page - Littelfuse VLD Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
041006
www.littelfuse.com
VLD170
1.70
4.10
12
100
5.0 @ 8.50
1.40
0.018
0.032
0.064
•
•
VLD175L
1.75
4.20
12
100
5.0 @ 8.75
1.40
0.017
0.031
0.062
•
•
VLD175XL
1.75
4.20
12
100
5.0 @ 8.75
1.40
0.017
0.031
0.062
•
•
VLD230
2.30
5.00
12
100
5.0 @ 10.0
2.50
0.012
0.018
0.036
•
•
Model
I
hold
I
Trip
V
max. dc
I
max.
max. time to trip
P
d max
Resistance
Approvals
(A)
(A)
(V)
(A)
(s @ A)
(W)
R
min.()
R
I max.()
R
I max.()
Order
Qty.
Order-
Model
Packaging
Information
Number
POLYFUSE® RESETTABLE FUSES
Permissible continuous operating current is ≤ 100 % at ambient temperature of 25 ºC (77 ºF).
Specifications
Packaging
A
small pack
D
standard
Materials
Insulating material: Polyester Tape
Terminals:
Nickel
Operating / Storage Temperature
-40 ºC to +85 ºC (consider de-rating)
Humidity Ageing
+60 °C, 95 % R.H., 1000 hours, ± 10 % typical
resistance change
Vibration
MIL-STD-883C, Condition A, no change
Thermal Shock
MIL-STD-202F, Method 107G
+85 °C to -40 °C 10 times ±5 % typical
resistance change
Marking
“P”, Part Code, identification, lot number
Strap Type, 12 V
Standard
UL 1434 1st Edition
CSA C22.2 No. 0 CSA TIL No. CA-3A
Approvals
cULus Recognition
TÜV
Features
The new VLD product series feature a slim, low
profile and low resistance design. These devices
are ideal to install directly onto the latest genera-
tion batteries including cylindrical and prismatic
cells. The VLD product offers protection against
both overcurrent and overtemperature fault
conditions.
VLD
Figure 1
Dimensions (mm)
NOTE:
I
hold =
Hold current: maximum current device will pass without tripping in 25 °C still air.
I
trip =
Trip current: minimum current at which the device will trip in 25 °C still air.
V
max =
Maximum voltage device can withstand without damage at rated current (I
max)
I
max =
Maximum fault current device can withstand without damage at rated voltage (V
max)
P
d =
Power dissipated from device when in the tripped state at 25 °C still air.
R
min=
Minimum resistance of device in initial (un-soldered) state.
R
1max=
Maximum resistance of device at 25 °C measured one hour after tripping for 20 s.
Caution:Operation beyond the specified rating may result in damage and possible arcing and flame.
Specifications are subject to change without notice
Model
A
B
C
D1
D2
E
packaging quantity
Fig
Min Max
Min Max
Min Max
Min Max
Min Max
small pack
standard
VLD170
1
20.8 23.2
3.5 3.9
0.8
4.5
6.5
4.5
6.5
2.4
2.6
500
10,000
VLD175L
2
29.3 31.7
2.9 3.3
0.8
5.2
6.8
10.0 12.5
2.4
2.6
500
10,000
VLD175XL
2
25.5 28.2
3.5 3.9
0.8
8.7 10.3
5.7
7.3
2.4
2.6
500
10,000
VLD230
1
20.9 23.1
4.9 5.3
0.8
4.1
5.8
4.1
5.8
3.9
4.1
500
10,000
Figure 2
D1
E
B
A
D2
D2
C
E
D1
A
B
C


Similar Part No. - VLD

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLD06BF-C-N-Q WILCOXON-VLD06BF-C-N-Q Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLD06BF-C-N-S WILCOXON-VLD06BF-C-N-S Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLD06BF-C-OC-Q WILCOXON-VLD06BF-C-OC-Q Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLD06BF-C-OC-S WILCOXON-VLD06BF-C-OC-S Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
More results

Similar Description - VLD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLD30 LITTELFUSE-RLD30 Datasheet
89Kb / 2P
POLYFUSE 짰 RESETTABLE FUSES
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
POLYFUSE Resettable PTCs
16R250G LITTELFUSE-16R250G Datasheet
148Kb / 6P
POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
POLYFUSE Resettable PTCs
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
POLYFUSE Resettable PTCs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com