Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # BY133
Description  1.0 AMP. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

BY133 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  BY133 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. BY133 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
1N4001 - 1N4007
1.0 AMP. Silicon Rectifiers
DO-41
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.35 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
BY
133
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000 1300
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
910
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000 1300
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 75
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
50
uA
uA
Maximum Full Load Reverse Current ,Full
Cycle Average .375”(9.5mm) Lead Length
@TA=75
oC
HTIR
30
uA
Typical Junction Capacitance ( Note 1 )
Cj
10
pF
Typical Thermal Resistance ( Note 2 )
RθJA
65
oC/W
Operating and Storage Temperature Range TJ ,TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
D A Y A
TDD
-
-
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China
25


Similar Part No. - BY133

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Bytes
BY133 BYTES-BY133 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - BY133

ManufacturerPart #DatasheetDescription
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
1.0 AMP SILICON RECTIFIERS
BY127M BYTES-BY127M Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
1.0 AMP Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Bytesonic Electronics C...
1N4001 BYTESONIC-1N4001 Datasheet
264Kb / 2P
1.0 AMP SILICON RECTIFIERS
2013/2/27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com