Electronic Components Datasheet Search
  English  ▼

X  

CPC1002N Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1002N
Description  4-Pin SOP OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1002N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1002N Datasheet HTML 1Page - Clare, Inc. CPC1002N Datasheet HTML 2Page - Clare, Inc. CPC1002N Datasheet HTML 3Page - Clare, Inc. CPC1002N Datasheet HTML 4Page - Clare, Inc. CPC1002N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1002N
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation
70
mW
Total Power Dissipation 1
400
mW
Isolation Voltage Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous 1
I
F=2mA
I
L
-
-
700
mA
Peak Load Current
t=10ms
I
LPK
--
1
A
On-Resistance 2
I
L=100mA
R
ON
-
0.35
0.55
Ω
Off-State Leakage Current
V
L=60V
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=3mA, VL=10V
t
ON
-
1.3
5
ms
Turn-Off
t
OFF
-
0.41
2
Output Capacitance
V
L=50V; f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=100mA
I
F
-
0.55
2
mA
Input Dropout Current
-
I
F
0.3
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Capacitance Input to Output
-
C
I/O
-1
-
pF
1
Load current derates linearly from 700mA @ 25oC to 420mA @80oC.
2
Measurement taken within 1 second of on time.
3
For applications requiring high temperature operation (greater than 60oC) an LED drive current of 3mA is recommended.
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com