Electronic Components Datasheet Search
  English  ▼

X  

53274 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53274
Description  Solid State Relay SPST, 90VDC - 10A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53274 Datasheet(HTML) 2 Page - Micropac Industries

  53274 Datasheet HTML 1Page - Micropac Industries 53274 Datasheet HTML 2Page - Micropac Industries 53274 Datasheet HTML 3Page - Micropac Industries 53274 Datasheet HTML 4Page - Micropac Industries 53274 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
•• 905 E. Walnut St., Garland, TX 75040 •• (972) 272-3571 •• Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
12/3/03
Pg. 2 of 5
53274
Solid State Relay SPST, 90VDC – 10A
RECOMMENDED OPERATING CONDITIONS:
Parameter
Symbol
Min.
Max.
Units
Output Voltage
VO (OFF)
90
VDC
Continuous Output Current
IO (ON)
10
A
Input Current (on)
IF (ON)
5
20
mA
Input Voltage (off)
VF (OFF)
0
1
VDC
Operating Case Temperature
TC
-55
125
°C
ELECTRICAL SPECIFICATIONS (Pre-Irradiation)
TC= -55°C to +125°C unless otherwise specified
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Notes
Output On-Resistance
R (ON)
0.055
0.100
Ω
IF = 15 mA
IO = 10 A
Pulse width = 15 ms
Duty cycle
≤ 1%
Output Leakage Current
IO (OFF)
<1
250
µA
VF = 1 VDC
VO = 90 VDC
Input Forward Voltage
VF
2.45
3.75
4.50
VDC
IF = 10 mA
Input Reverse Breakdown Voltage
VR
6
40
VDC
IR = 10
µA
Input-Output Leakage
II-O
1
µA
RH
≤ 45%, t = 5 s
VI-O = 1000 VDC
TC = 25°C
4, 5
Turn-On Time
tON
3.3
8.0
ms
Figures 3,
4
Turn-Off time
tOFF
0.35
2
ms
Figures 3,
5
Rise Time
tR
2.5
6.0
ms
Fall Time
tF
0.19
1.0
ms
IF = 15 mA
IO = 10 A
Pulse width = 15 ms
Duty cycle
≤ 1%
6,
Figure 3
Thermal Resistance (junction-case)
θ
JC
4
°C/W
Output Off-Capacitance
CO (OFF)
1.7
nF
VO = 28 VDC
f = 1 MHz
Input Capacitance
CIN
27
pF
VF = 0 V
f = 1 MHz
Input-Output Capacitance
CI-O
2.6
pF
VI-O = 0 V
f = 1 MHz
4
* All typical values are at TC = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com