Electronic Components Datasheet Search
  English  ▼

X  

CPC1303 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1303
Description  Single-Transistor Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1303 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1303 Datasheet HTML 1Page - Clare, Inc. CPC1303 Datasheet HTML 2Page - Clare, Inc. CPC1303 Datasheet HTML 3Page - Clare, Inc. CPC1303 Datasheet HTML 4Page - Clare, Inc. CPC1303 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1303
www.clare.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
CPC1303
LED Voltage vs. LED Current
(Linear)
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
CPC1303
LED Voltage vs. LED Current
(LOG)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
CPC1303
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=0.2mA
I
F=1mA
I
F=2mA
LED Forward Current (
μA)
1
10
100
1000
0
200
400
600
800
1000
1200
CPC1303
LED Forward Current vs. CTR
-40ºC
85ºC
25ºC
Collector Voltage (V)
01
2
3
4
5
0
10
20
30
40
50
60
CPC1303
Typical Collector Voltage vs.
Typical Collector Current
(T
A=25ºC)
I
F=5mA
I
F=3mA
I
F=2mA
I
F=1mA
I
F=0.5mA
I
F=0.2mA
Temperature (ºC)
-40
0
40
80
120
1
10
100
1000
10000
100000
CPC1303
I
CE Current vs. Temperature
I
F=1000μA
I
F=1μA
I
F=2μA
I
F=5μA
I
F=10μA
I
F=20μA
I
F=50μA
I
F=100μA
I
F=200μA
I
F=500μA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.06
0.08
0.10
0.12
0.14
0.16
CPC1303
Saturation Voltage vs. Temperature
(I
F=1mA, ICE=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
87
88
89
90
91
92
93
94
95
96
CPC1303
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
CPC1303
Leakage Current vs. Temperature
V
CE Leakage 10V
V
CE Leakage 3V
V
CE Leakage 5V
Load Resistance (
Ω)
0
20000
40000
60000
80000
100000
0.9
1.0
1.1
1.2
1.3
1.4
1.5
CPC1303
Turn-On Time vs. Load Resistance
(T
A=25ºC, VCC=5V, IF=1mA)
Load Resistance (
Ω)
0
20000
40000
60000
80000
100000
0
50
100
150
200
250
300
350
CPC1303
Turn-Off Time vs. Load Resistance
(T
A=25ºC, VCC=5V, IF=1mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com