Electronic Components Datasheet Search
  English  ▼

X  

DDF-HJG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDF-HJG
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDF-HJG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDF-HJG Datasheet HTML 1Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 2Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 3Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 4Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 5Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 6Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 7Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 8Page - DOMINANT Semiconductors DDF-HJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
19/08/2009 V1.0
2
InGaN Warm White: DDF-HJG
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Color binning is carried for all units as per the color binning table. Only one color group is allowed for each reel.
DDF-HJG-WX1-1
Warm White
120
Vr @ Ir = 10 µA
Electrical Characteristics at Tj=250C
Vf @ If = 20 mA
3.3
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DDF-HJG
2.9
3.8
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.10)
Reverse Voltage; Ir max = 10µA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
20
100
5
2000
125
-40 … +100
-40 … +100
85
340
180
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
1125.0
1600.0
2240.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com