Electronic Components Datasheet Search
  English  ▼

X  

GM317TC3T Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM317TC3T
Description  3-TERMINAL 1.5A ADJUSTABLE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM317TC3T Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM317TC3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM317TC3T Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
GM317
3-TERMINAL 1.5A
ADJUSTABLE REGULATOR
Marking Information and Pin Configurations (Top View)
TO 252
(D-PAK)
TO 220
TO 263
(D
2-PAK)
SOT223
A: Assembly / Test site code
Y: Year
WW: Week
Ordering Information
Ordering Number
VOUT
Package
Shipping
GM317TA3T
TO-263
50 Units/Tube
GM317TA3R
TO-263
800 Units / Tape & Reel
GM317TB3T
TO-220
50 Units/Tube
GM317TC3T
TO-252
80 Units/Tube
GM317TC3R
TO-252
2,500 Units / Tape & Reel
GM317ST3T
SOT-223
80 Units/Tube
GM317ST3R
Adj
SOT-223
2,500 Units / Tape & Reel
GM317
AYWW
GM317
AYWW
GM317
AYWW
GM317
AYWW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com