Electronic Components Datasheet Search
  English  ▼

X  

5041 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # 5041
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5041 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  5041 Datasheet HTML 1Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5041 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
5041 series
SEIKO NPC CORPORATION—2
SERIES CONFIGURATION
TEMPERATURE ADJUSTMENT FUNCTION GAIN SETTING RATIO
Temperature adjustment function gain setting ratio of 5041A
×A and 5041A×B differs. In the case of tempera-
ture adjustment function that rotates temperature characteristics on T0 origin, adjustment sensitivity of
5041A
×B is designed twice as higher than that of 5041A×A based on non-compensation temperature deviation
in same register value setting.
VERSION NAME
Pad layout
Recommended
oscillation
frequency range*1
[MHz]
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Operating
supply
voltage range
[V]
Temperature
adjustment
function gain
setting ratio*2
*2. Values in parentheses ( ) are provisional only.
Output frequency and version name*3
*3. Versions in parentheses ( ) are under development.
fO
fO/2
fO/4
fO/8
fO/16
fO/32
for flip chip
bonding
20 to 55
2.25 to 3.63
1
5041A1A
5041A2A
5041A3A
5041A4A
5041A5A
5041A6A
2
5041A1B
5041A2B
5041A3B
5041A4B
5041A5B
5041A6B
1.60 to 2.25
(1)
(5041B1A)
(5041B2A)
(5041B3A)
(5041B4A)
(5041B5A)
(5041B6A)
Device
Package
Version name
WF5041
×××−4
Wafer form
Ta [
°C]
Temperature deviation
at non-compensation
<Gain setting ratio>
5041A
×A : 5041A×B
1 : 2
5041A
×A
5041A
×B
T0
Form WF: Wafer form
WF5041
−4
Frequency divider function (output frequency)
Temperature adjustment function gain setting ratio
Operating supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com