Electronic Components Datasheet Search
  English  ▼

X  

5075 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # 5075
Description  VCXO Module IC with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5075 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button 5075 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 12Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 13Page - Nippon Precision Circuits Inc 5075 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —11
Drive Level
Measurement circuit
Negative Resistance
Measurement circuit
Note. "C0" value is set, concerning the actual crystal characteristics connected between XT and XTN. The data is measured with Agilent 4396B using
NPC’s original measurement jig. The values may vary with measurement jig and conditions.
VDD = 2.5V, 3.3V, fOUT = 27MHz, Ta = R.T.
0
5
10
15
20
25
30
0.0 0.3 0.6 0.9 1.2
1.5 1.8 2.1 2.4 2.7 3.0 3.3
VC [V]
VDD = 2.5V
VDD = 3.3V
DL = (IX’tal)
2 × Re
DL: drive level
IX’tal: current flowing to crystal (RMS value)
Re: crystal effective resistance
VDD
VSS
XT
Q
Crystal
XTN
VC
0.1
µF
CLOUT = 15pF
Tektronix CT-6
Current Probe
IX'tal
VDD = 2.5V, C0 = 2pF, Ta = R.T.
Frequency [MHz]
15
20
25
30
35
40
45
VC = 1.25V
VC = 2.5V
VC = 0V
−200
−400
−600
−800
0
VDD = 3.3V, C0 = 2pF, Ta = R.T.
Frequency [MHz]
15
20
25
30
35
40
45
−200
−400
−600
−800
0
VC = 1.65V
VC = 3.3V
VC = 0V
VDD
VSS
XT
Q
XTN
VC
0.1
µF
C0 = 2pF
Network Analyzer
(Agilent 4396B)
S-Parameter Test Set
(Agilent 85046A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com