Electronic Components Datasheet Search
  English  ▼

X  

5076 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # 5076
Description  VCXO Module IC with Built-in Varicap
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5076 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button 5076 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 12Page - Nippon Precision Circuits Inc 5076 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
5076 series
SEIKO NPC CORPORATION —11
Negative Resistance
Measurement circuit
Note. "C0" value is set, concerning the actual crystal characteristics connected between XT and XTN. The data is measured with Agilent 4396B using
NPC’s original measurement jig. The values may vary with measurement jig and conditions.
Phase Noise
Measurement circuit
VDD = 1.8V, C0 = 2pF, Ta = R.T.
Frequency [MHz]
15
20
25
30
35
40
45
−200
−400
−600
−800
0
VC = 0V
VC = 0.9V
VC = 1.8V
VDD
VSS
XT
Q
XTN
VC
0.1
µF
C0 = 2pF
Network Analyzer
(Agilent 4396B)
S-Parameter Test Set
(Agilent 85046A)
VDD = 1.8V, fOUT = 27MHz, Ta = R.T.
Offset Frequency [Hz]
10
100
1,000
10,000
100,000 1,000,000 10,000,000
−60
−80
−100
−120
−140
−160
VC = 1.8V
VC = 0.9V
VC = 0V
CLOUT = 15pF
0.1
µF
VDD
VSS
XT
Q
XTN
VC
Signal Source
Analyzer
(Agilent E5052A)
Crystal
0.01
µF
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com