Electronic Components Datasheet Search
  English  ▼

X  

EMC2305 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC2305
Description  Multiple RPM-Based PWM Fan Controller for Five Fans
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2305 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC2305 Datasheet HTML 35Page - SMSC Corporation EMC2305 Datasheet HTML 36Page - SMSC Corporation EMC2305 Datasheet HTML 37Page - SMSC Corporation EMC2305 Datasheet HTML 38Page - SMSC Corporation EMC2305 Datasheet HTML 39Page - SMSC Corporation EMC2305 Datasheet HTML 40Page - SMSC Corporation EMC2305 Datasheet HTML 41Page - SMSC Corporation EMC2305 Datasheet HTML 42Page - SMSC Corporation EMC2305 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Multiple RPM-Based PWM Fan Controller for Five Fans
Datasheet
SMSC EMC2305
39
Revision 1.1 (10-12-09)
DATASHEET
The Fan Configuration 2 registers control the tachometer measurement and advanced features of the
RPM-based Fan Speed Control Algorithm.
Bit 6 - EN_RRCx - Enables ramp rate control when the corresponding fan driver is operated in the
Direct Setting Mode.
‘0’ (default) - Ramp rate control is disabled. When the fan driver is operating in Direct Setting mode,
the fan setting will instantly transition to the next programmed setting.
‘1’ - Ramp rate control is enabled. When the fan driver is operating in Direct Setting mode, the fan
drive setting will follow the ramp rate controls as determined by the Fan Step and Update Time
settings. The maximum fan drive setting step is capped at the Fan Step setting and is updated
based on the Update Time as given by Table 5.13.
Bit 5 - GLITCH_ENx - Disables the low pass glitch filter that removes high frequency noise injected
on the TACHx pin.
‘0’ - The glitch filter is disabled.
‘1’ (default) - The glitch filter is enabled.
Bits 4 - 3 - DER_OPTx[1:0] - Control some of the advanced options that affect the derivative portion
of the RPM-based Fan Speed Control Algorithm as shown in Table 5.15.
Bit 2 - 1 - ERR_RNGx[1:0] - Control some of the advanced options that affect the error window. When
the measured fan speed is within the programmed error window around the target speed, then the fan
drive setting is not updated. The algorithm will continue to monitor the fan speed and calculate
necessary drive setting changes based on the error; however, these changes are ignored.
63h
R/W
Fan 4
Configuration 2
-
EN_
RRC4
GLITCH_
EN4
DER_OPT4 [1:0]
ERR_RNG4[1:0]
-
28h
73h
R/W
Fan 5
Configuration 2
-
EN_
RRC5
GLITCH_
EN5
DER_OPT5 [1:0]
ERR_RN55[1:0]
-
28h
Table 5.15 Derivative Options
DER_OPTX[1:0]
OPERATION
10
0
0
No derivative options used
01
Basic derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting (in
addition to proportional and integral terms)
(default)
10
Step derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting and is
not capped by the Fan Step Register.
11
Both the basic derivative and the step derivative
are used effectively causing the derivative term to
have double the effect of the derivative term.
Table 5.14 Fan Configuration 2 Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com