Electronic Components Datasheet Search
  English  ▼

X  

HER151 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # HER151
Description  1.5 AMPS. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

HER151 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  HER151 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. HER151 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
HER151 - HER158
1.5 AMPS. High Efficient Rectifiers
DO-15
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
50
35
pF
Typical thermal resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.
D A Y A
TDD
-
-
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China


Similar Part No. - HER151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER151 WTE-HER151 Datasheet
48Kb / 3P
1.5A HIGH EFFICIENCY RECTIFIER
logo
Jinan Gude Electronic D...
HER151 JGD-HER151 Datasheet
175Kb / 2P
1.5 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER151 BYTES-HER151 Datasheet
154Kb / 2P
1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER151 CHENYI-HER151 Datasheet
160Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
HER151 DCCOM-HER151 Datasheet
485Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER151

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_1 Datasheet
267Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com