Electronic Components Datasheet Search
  English  ▼

X  

CF5075AL-4 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # CF5075AL-4
Description  VCXO Module IC with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075AL-4 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button CF5075AL-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5075AL-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —13
Modulation Characteristics
Measurement circuit
Output Waveform
Measurement equipment: Oscilloscope; DSO80604B (Agilent)
Measurement circuit
VDD = 2.5V, fOUT = 27MHz, Ta = R.T.
Frequency [kHz]
10
100
1000
1
0
−3
−6
−9
−12
0
3
VDD = 3.3V, fOUT = 27MHz, Ta = R.T.
Frequency [kHz]
10
100
1000
1
0
−3
−6
−9
−12
0
3
C1 = 33µF, R1 = R2 = 1M
Ω
VC modulation signal: 100Hz to 100kHz, 0 to VDDp-p
R1
C1
CLOUT
= 15pF
0.1
µF
VDD
VSS
XT
Q
XTN
VC
Gain-phase
Analyzer
(HP 4194A)
Modulaiton
Analyzer
(HP 8901B)
Crystal
R2
Demodulation
signal
Modulation
signal
VDD = 2.5V, 3.3V, fOUT = 27MHz, VC = 0.5VDD,
CLOUT = 15pF, Ta = R.T.
VDD = 2.5V
VDD = 3.3V
VDD
VSS
XT
Q
Crystal
XTN
VC
0.1
µF
CLOUT = 15pF
(Including probe
capacitance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com