Electronic Components Datasheet Search
  English  ▼

X  

HMC653 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC653
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC653 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC653 Datasheet HTML 1Page - Hittite Microwave Corporation HMC653 Datasheet HTML 2Page - Hittite Microwave Corporation HMC653 Datasheet HTML 3Page - Hittite Microwave Corporation HMC653 Datasheet HTML 4Page - Hittite Microwave Corporation HMC653 Datasheet HTML 5Page - Hittite Microwave Corporation HMC653 Datasheet HTML 6Page - Hittite Microwave Corporation HMC653 Datasheet HTML 7Page - Hittite Microwave Corporation HMC653 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Electrical Specifications, T
A = +25° C, 50 Ohm system
[1]
Part Number
Attenuator Value
Return Loss
Attenuation Tolerance
Return Loss
Attenuation Tolerance
Units
DC - 25
25 - 50
GHz
HMC650
Thru Line (short)
20.3
±0.2
12.4
±0.8
dB
HMC651
Thru Line (long)
19.0
±0.3
12.3
±0.9
dB
HMC652
2 dB
22.0
±0.2
15.3
±0.6
dB
HMC653
3 dB
23.0
±0.2
22.1
±0.5
dB
HMC654
4 dB
20.5
±0.2
22.4
±0.5
dB
HMC655
6 dB
16.5
±0.2
17.0
±0.6
dB
HMC656
10 dB
16.9
±0.1
18.8
±0.7
dB
HMC657
15 dB
20.0
±0.4
19.7
±1.3
dB
HMC658
20 dB
17.5
±0.5
16.2
±1.6
dB
Attenuation vs. Temperature
HMC652, HMC653, HMC654, HMC655
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
HMC654
HMC652
HMC653
HMC655
HMC650 TO HMC658
v01.0308
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
HMC650 / 651 / 652 / 653 / 654 / 655 / 656 / 657 / 658
RF Data with Wire Bonds [1]
Return Loss
HMC652, HMC653, HMC654, HMC655
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
FREQUENCY (GHz)
HMC655
HMC654
HMC653
HMC652
Attenuation vs. Temperature
HMC656, HMC657, HMC658
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (GHz)
HMC656
HMC657
HMC658
Return Loss
HMC656, HMC657, HMC658
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
FREQUENCY (GHz)
HMC656
HMC658
HMC657
[1] Data taken with die mounted to plate and RF probed through two 1 mil diameter wire bonds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com