Electronic Components Datasheet Search
  English  ▼

X  

HMC685LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC685LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC685LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC685LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8
8 - 242
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC685LP4 / 685LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 1.7 - 2.2 GHz
v03.0409
General Description
Features
Functional Diagram
Electrical Specifications,
T
A = +25° C, IF = 200 MHz, LO = 0 dBm, Vcc = Vcc1, 2, 3 = +5V, G_ Bias = +2.5V*
Typical Applications
Nominal Supply
Icc = 120 mA
Icc = 90 mA
Icc = 70 mA
Units
Parameter
Min.
Typ.
Max.
Typ.
Typ.
Frequency Range, RF
1.7 - 2.2
GHz
Frequency Range, LO
1.5 - 2.2
GHz
Frequency Range, IF
DC - 500
MHz
Conversion Loss
8
10
8
8
dB
Noise Figure (SSB)
8
8
8
dB
LO to RF Isolation
22
30
33
34
dB
LO to IF Isolation
24
30
31
32
dB
RF to IF Isolation
30
42
42
43
dB
IP3 (Input)
35
34
32
dBm
1 dB Compression (Input)
25
24
23
dBm
LO Drive Input Level (Typical)
-6 to +3
-6 to +3
-6 to +3
dBm
Supply Current Icc total
120
140
90
70
mA
* Unless otherwise noted all measurements performed as downconverter with low side LO & IF = 200 MHz.
The HMC685LP4(E) is Ideal for:
• Cellular/3G & LTE/WiMAX/4G
• Basestations & Repeaters
• GSM, CDMA & OFDM
• Transmitters and Receivers
The HMC685LP4(E) is a high dynamic range passive
MMIC mixer with integrated LO amplifier in a 4x4 SMT
QFN package covering 1.7 to 2.2 GHz. Excellent input
IP3 performance of +35 dBm for down conversion is
provided for 3G & 4G GSM/CDMA applications at an
LO drive of 0 dBm. With an input 1 dB compression
of +27 dBm, the RF port will accept a wide range of
input signal levels. Conversion loss is 8 dB typical.
The DC to 500 MHz IF frequency response will sat-
isfy GSM/CDMA transmit or receive frequency plans.
The HMC685LP4(E) is pin for pin compatible with the
HMC684LP4(E) which is a 700 - 1000 MHz mixer with
LO amplifier.
High Input IP3: +35 dBm
8 dB Conversion Loss @ 0 dBm LO
Optimized for Low Side LO Input
Upconversion & Downconversion Applications
Adjustable Supply Current
24 Lead 4x4mm SMT Package: 16mm2


Similar Part No. - HMC685LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC685LP4 HITTITE-HMC685LP4 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4E HITTITE-HMC685LP4E Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC685LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com