Electronic Components Datasheet Search
  English  ▼

X  

HMC750LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC750LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 4
HMC750LP4 / 750LP4E
v00.1108
12.5 Gbps LIMITING AMPLIFIER
Rise & Fall Time vs. Vinput [1] [2] [3]
DC Current vs. Supply Voltage [1] [3]
20
24
28
32
36
40
0
100
200
300
400
500
600
Rise Time
Fall Time
Vin (mV)
0
40
80
120
160
200
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
+25C
+85C
-40C
SUPPLY VOLTAGE Vcc (V)
[1] Vc1 = 2.5V
[2] Vcc = 5V
[3] Input Data Rate = 10 Gbps
DC Current vs. Control Voltage [2] [3]
Differential Gain vs. Frequency [1] [2]
20
50
80
110
140
170
200
2.1
2.3
2.5
2.7
2.9
3.1
+25C
+85C
-40C
CONTROL VOLTAGE Vc1 (V)
0
10
20
30
40
50
02468
10
12
14
16
FREQUENCY (GHz)
Return Loss [1] [2]
-50
-40
-30
-20
-10
0
02468
10
12
14
16
s11
s22
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com