Electronic Components Datasheet Search
  English  ▼

X  

2N6845 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6845
Description  P-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6845 Datasheet(HTML) 2 Page - Seme LAB

  2N6845 Datasheet HTML 1Page - Seme LAB 2N6845 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 5748
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
2N6845
IRFF9120
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = - 1mA
Reference to 25°C
ID = - 1mA
VGS = - 10V
ID = - 2.6A
VGS = - 10V
ID = - 4.0A
VDS = VGS
ID = -250µA
VDS > -15V
ID = -2.6A
VDS = - 80V
VGS = 0
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = - 25V
f = 1MHz
VGS = -10V
ID = -4.0A
VDS = -50V
VDD = -50V
ID = - 4.0A
RG = 7.5Ω
Mosfet symbol showing the
integral reverse p-n junction diode
IS = - 4.0A
TJ = 25°C
VGS = 0V
IF = -4.0A
TJ = 25°C
di / dt ≤ -100A/µsVDD ≤ -50V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance 1
Gate Threshold Voltage
Forward Transconductance 1
Drain-to-Source Leakage Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current
Diode Forward Voltage1
Reverse Recovery Time1
Reverse Recovery Charge1
Forward Turn–On Time
- 100
- 0.10
0.60
0.69
- 2
- 4
1.25
-25
-250
100
-100
380
170
45
4.3
16.3
1.3
4.7
1.0
9.0
60
100
50
70
- 4.0
- 16
- 4.8
200
3.1
V
V/°C
Ω
V
S
µA
nA
pF
nC
ns
A
V
ns
µC
BVDSS
∆BVDSS
∆TJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
≤ 300ms, δ≤ 2%
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Negligible
D
G
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com