Electronic Components Datasheet Search
  English  ▼

X  

GM34063FS8RG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM34063FS8RG
Description  1.5A DC TO DC CONVERTER CONTROL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM34063FS8RG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM34063FS8RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM34063FS8RG Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
GM34063 series
1.5A DC TO DC
CONVERTER CONTROL
Electrical Characteristics (V
CC = 5.0V , TA = 25°C unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OSCILLATOR
Frequency
fOSC
VPIN5 = 0V, CT = 1.0nF
24
33
42
kHz
Charge Current
Ichg
VCC = 5.0V to 40V
24
35
42
μ
A
Discharge Current
Idischg
VCC = 5.0V to 40V
140
220
260
µA
Discharge to Charge Current
Ratio
Idischg/Ichg
Pin 7 to VCC
5.2
6.5
7.5
-
Current Limit Sense Voltage
Vipk(sense)
Ichg = Idischg
250
300
350
mV
OUTPUT SWITCH (Note 2)
Saturation Voltage 1
VCE (sat1)
Darlington Connection,
ISW = 1.0A, Pins 1, 8 Connected
TA = Full range
1.0
1.3
V
Saturation Voltage 2 (Note 3)
VCE (sat2)
Darlington Connection,
ISW = 1.0A, RPIN 8 = 82Ω to VCC,
Forced β= 20, TA = Full range
0.45
0.7
V
DC Current Gain
hFE
ISW = 1.0A, VCE = 5V
50
75
-
Collector Off-State Current
IC(OFF)
VCE = 40V, TA = Full range
-
40
100
µA
COMPARATOR
1.225
1.25
1.275
Note 4
1.238
1.25
1.263
Threshold Voltage
Vth
TA = Full range
1.21
1.29
V
Threshold Voltage Line
Regulation
Regline
VCC = 5.0V to 40V,
TA = Full range
-
1.4
5.0
mV
Input Bias Current
IIB
Vin = 0V, TA = Full range
-20
-400
nA
TOTAL DEVICE
Supply Current
ICC
VCC = 5V to 40V, CT = 1.0nF,
Pin 7 = VCC, Vpin 5 > Vth,
Pin 2 = Gnd,
remaining pins open
TA = Full range
50
75
mA
Note 2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note 3. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (
≤ 300 mA) and high
driver currents ( ≥ 30 mA), it may take up to 2.0 ms for it to come out of saturation. This condition will shorten the off time at
frequencies 30 kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration, since the
output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is recommended:
Forced β of output switch:
* The 100 Ω resistor in the emitter of the driver device requires about
7.0 mA before the output switch conducts.
Note 4. 1% accuracy is available upon special request
lC output
lC driver - 7.0 mA *
≥ 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com