Electronic Components Datasheet Search
  English  ▼

X  

CPC1008N Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1008N
Description  4-Pin SOP OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1008N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1008N Datasheet HTML 1Page - Clare, Inc. CPC1008N Datasheet HTML 2Page - Clare, Inc. CPC1008N Datasheet HTML 3Page - Clare, Inc. CPC1008N Datasheet HTML 4Page - Clare, Inc. CPC1008N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPC1008N
4-Pin SOP OptoMOS® Relay
www.clare.com
DS-CPC1008N-R05
1
Part #
Description
CPC1008N
4-Pin SOP (100/tube)
CPC1008NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
150
mA
Max On-resistance
8
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security Systems
• Aerospace
• Industrial Controls
• Reed Relay Replacement
• Small 4-Pin SOP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
CPC1008N is a miniature, low-voltage, low
on-resistance 1-Form-A solid state relay in a 4-Pin
SOP package. The relay uses optically coupled
MOSFET technology to provide 1500V
rms of input/
output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture. The optically coupled output is
controlled by a highly efficient GaAIAs infrared LED.
The CPC1008N uses Clare’s state of the art
double-molded vertical construction packaging to
produce one of the world’s smallest relays. The
CPC1008N is ideal for replacing larger, less-reliable
reed and electromechanical relays.
Approvals
• UL Recognized Component: File # E76270
• EN/IEC 60950-1 Compliant
• CSA Certified Component: Certificate # 1172007
1
2
3
4
+ Control
– Control
Load
Load
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+


Similar Part No. - CPC1008N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1008NTR CLARE-CPC1008NTR Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1008NTR IXYS-CPC1008NTR Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1008N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1016N CLARE-CPC1016N_1 Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com