Electronic Components Datasheet Search
  English  ▼

X  

CPC1020N Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1020N
Description  Single Pole OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1020N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1020N Datasheet HTML 1Page - Clare, Inc. CPC1020N Datasheet HTML 2Page - Clare, Inc. CPC1020N Datasheet HTML 3Page - Clare, Inc. CPC1020N Datasheet HTML 4Page - Clare, Inc. CPC1020N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1020N
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Input Power Dissipation 1
75
mW
Input Control Current
50
mA
Peak (10ms)
1
A
Reverse Input Voltage
5
V
Total Power Dissipation 2
400
mW
Isolation voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW / ºC
2 Derate Linearly 3.33 mW / ºC
Absolute Maximum Electrical Ratings are at 25ºC.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous 1
I
F=2mA
I
L
-
-
1.2
A
DC
Peak
t < 10ms
I
LPK
--
3
A
On-Resistance 2
I
L=1A
R
ON
-
0.116
0.25
Ω
Off-State Leakage Current
V
L=30V
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
ON
-
0.48
3
ms
Turn-Off
t
OFF
-
0.65
3
Output Capacitance
V
L=15V; f=1MHz
C
OUT
-70
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=1A
I
F
-
0.13
2
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics @ 25°C
Capacitance, Input to Output
-
C
I/O
-3
-
pF
1
Load current derates linearly from 1.2A @ 25oC to 0.58A @85oC.
2
Measurement taken within 1 second of on time.
Electrical Characteristics
ESD Rating (Human Body Model)
1000 Volts
ESD Rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com