Electronic Components Datasheet Search
  English  ▼

X  

CPC1035N Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1035N
Description  4-Pin SOP OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1035N Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1035N Datasheet HTML 1Page - Clare, Inc. CPC1035N Datasheet HTML 2Page - Clare, Inc. CPC1035N Datasheet HTML 3Page - Clare, Inc. CPC1035N Datasheet HTML 4Page - Clare, Inc. CPC1035N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1035N
R11
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
CPC1035N
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
IF = 50mA
IF = 30mA
IF = 20mA
IF = 10mA
IF = 5mA
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
CPC1035N
Typical Turn-On vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
5
1015202530354045
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
CPC1035N
Typical Turn-Off vs. LED Forward Current
(I
L=100mA)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1035N
Typical On-Resistance vs. Temperature
(I
L=50mA, IF=10mA)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
CPC1035N
Typical I
F for Switch Operation
vs. Temperature
(I
L=50mA)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1035N
Typical I
F for Switch Dropout
vs. Temperature
(I
L=50mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
CPC1035N
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
Time
10
μs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
μs
100ms
1s
10ms
10s
100s
CPC1035N
Energy Rating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com