Electronic Components Datasheet Search
  English  ▼

X  

CPC1465 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1465
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1465 Datasheet HTML 1Page - Clare, Inc. CPC1465 Datasheet HTML 2Page - Clare, Inc. CPC1465 Datasheet HTML 3Page - Clare, Inc. CPC1465 Datasheet HTML 4Page - Clare, Inc. CPC1465 Datasheet HTML 5Page - Clare, Inc. CPC1465 Datasheet HTML 6Page - Clare, Inc. CPC1465 Datasheet HTML 7Page - Clare, Inc. CPC1465 Datasheet HTML 8Page - Clare, Inc. CPC1465 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DS-CPC1465 - R02
www.clare.com
1
CPC1465
SHDSL/ISDN DC Termination IC
Features
Meets wetting (sealing) current requirements per
ITU-T G.991.2
Integrated bridge rectifier for polarity correction
Uses inexpensive opto-coupler for DC signalling
Electronic inductor, breakover, and latch circuits
Current limiting and excess power protection circuits
ANSI SHDSL and ISDN compatible
MLT and SARTS compatible
Compatible with portable test sets
Excellent linearity
Compatible with GlobespanVirata and Conexant
SHDSL transceiver chip set families
Small SOIC or DFN Package
DFN package 60 percent smaller than SOIC
SOIC is pin compatible with Agere LH1465AAE
Applications
Router and bridge customer premises equipment
Leased line equipment
T1/E1 network line cards and repeaters
Network Termination 1 (NT1) equipment
Mechanized Loop Test (MLT) networks
Switched Access Remote Test System (SARTS)
networks
Description
The CPC1465 is a DC termination IC used in
Single-pair High-speed Digital Subscriber Line
(SHDSL) and Integrated Services Digital Network
subscriber line (ISDN) equipment. It provides a
polarity insensitive DSL loop sealing current DC
termination with a recognizable device signature for
MLT systems. The CPC1465 passes low frequency
ISDN network signalling information via an
inexpensive optocoupler to the NT1’s internal control
logic.
Ordering Information
Figure 1. CPC1465 Typical 2-Wire DC Termination Application
Part Number Description
CPC1465D
DC Termination IC, 16-pin SOIC in tubes,
47/tube
CPC1465DTR
DC Termination IC, 16-pin SOIC tape and reel,
1000/reel
CPC1465M
DC Termination IC, 16-pin DFN in tubes,
52/tube
CPC1465MTR
DC Termination IC, 16-pin DFN tape and reel,
1000/reel
CPC1465
Digital
Control
Circuitr
Transceiver
TIP
RING
2.2k
5%
Ω
4W
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
dc
Blocking
Capacitor
1F
μ
1%
1/4W
Current Limit
and Excess
Power Protection
Electronic
Inductor,
Breakover,
Latch, and
Opto Driver
Bridge
Rectifier
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NOTE: Pinout is for the SOIC package
68.1
Ω
1
2
4
3
75k
Ω
V
CC
CPC1303
(5kV
rms Isolation)
or
CPC1001N
(1500V
rms Isolation)
RoHS
2002/95/EC
e3
Pb


Similar Part No. - CPC1465

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465D IXYS-CPC1465D Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465DTR IXYS-CPC1465DTR Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465M IXYS-CPC1465M Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465MTR IXYS-CPC1465MTR Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
More results

Similar Description - CPC1465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
logo
Agere Systems
LH1465AB AGERE-LH1465AB Datasheet
375Kb / 14P
LH1465AB/AAE ISDN dc Termination IC Data Sheet Advisory
July 1998
T9000 AGERE-T9000 Datasheet
2Mb / 126P
ISDN Network Termination Node (NTN) Device
November 2000
logo
Bel Fuse Inc.
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
SHDSL MAGNETICS
logo
Clare, Inc.
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
logo
SCHOTT CORPORATION
38136 SCHOTT-38136 Datasheet
17Kb / 1P
TRANSFORMER, SHDSL
logo
Bel Fuse Inc.
S560-6600-JG BEL-S560-6600-JG Datasheet
80Kb / 2P
SHDSL MAGNETICS
S560-6600-KZ BEL-S560-6600-KZ Datasheet
83Kb / 2P
SHDSL MAGNETICS
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
Broadband ADSL/VDSL DC Termination IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com