Electronic Components Datasheet Search
  English  ▼

X  

CPC1560 Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC1560
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560 Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC1560 Datasheet HTML 6Page - Clare, Inc. CPC1560 Datasheet HTML 7Page - Clare, Inc. CPC1560 Datasheet HTML 8Page - Clare, Inc. CPC1560 Datasheet HTML 9Page - Clare, Inc. CPC1560 Datasheet HTML 10Page - Clare, Inc. CPC1560 Datasheet HTML 11Page - Clare, Inc. CPC1560 Datasheet HTML 12Page - Clare, Inc. CPC1560 Datasheet HTML 13Page - Clare, Inc. CPC1560 Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CPC1560
12
PRELIMINARY
R00F
5.7.2 Protection Methods
One way to protect the CPC1560 and application
circuit components from damage when excessive
stored energy is suddenly released into the output
MOSFETs of the CPC1560, is to add a Transient
Voltage Suppressor (TVS) across the output switches.
Use a unidirectional TVS from the outputs to C- for the
DC-only configuration, and use a bidirectional TVS
across the output pins for the AC/DC configuration as
shown in the diagrams below.
In order to calculate the required TVS value, the user
has to compare working voltage of the application
circuit to the breakdown voltage of the CPC1560 with
the TVS maximum clamping voltage ratings. The TVS
maximum clamping voltage capability must be, at a
minimum, equal to the specific peak pulse current of
the load. This must be done to ensure the TVS can
easily absorb any excess energy coming from the
inductive load (LLOAD).
In addition to the TVS, other protection techniques are
also available depending on the type of load the user
is trying to switch. For purely resistive loads the user
may rely on the output transistor to handle any
parasitic energy. For very low to moderately inductive
loads (e.g. remote switching of a load through a long
cable), a voltage suppressor or TVS can be used as
explained before. For heavily inductive loads, a
fly-back diode connected across the load element is
recommended
For much higher inductive loads, other circuit
techniques, device ratings and/or protector types must
be considered1. Of paramount importance is that the
designer know the characteristics of the load being
switched.
Figure 2. CPC1560 DC-Only Configuration with Over-Voltage Protection
Figure 3. CPC1560 AC/DC Configuration with Over-Voltage Protection
1 For more over voltage protection techniques consult:
Switchmode Power Supply Handbook, 2nd Edition,
Keith Billings, ISBN 0-07-006719-8, or Power
MOSFET Design, B.E. Taylor, ISBN 0-471-93-802-5
Supply
Supply
D
OVP
C
EXT
CPC1560
R
LED
V
IN
1
2
3
4
8
7
6
5
Z
LOAD
C+
C-
Output
Output
Supply
D
OVP
C
EXT
CPC1560
R
LED
V
IN
1
2
3
4
8
7
6
5
Supply
Z
LOAD
C+
C-
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com