Electronic Components Datasheet Search
  English  ▼

X  

CPC1560GS Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. CPC1560GS Datasheet HTML 10Page - Clare, Inc. CPC1560GS Datasheet HTML 11Page - Clare, Inc. CPC1560GS Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CPC1560
8
PRELIMINARY
R00F
2. Introduction
The CPC1560 is an optically coupled Solid State
Relay (SSR) that is self-biased from the load supply.
An external charge storage capacitor is used to greatly
speed up SSR turn-on. The CPC1560 also
incorporates current limiting and a thermal shutdown
feature in the output circuitry, which make the device
ideal for use in harsh conditions.
3. Functional Description
Internally, the device is composed of an LED, a
photovoltaic array with control circuitry, and two
MOSFET output switches.
Input current to the LED is the turn-on signal to the
SSR’s output MOSFET switches. The LED illuminates
the photovoltaics, which provide current to the gates of
the output MOSFETs, causing them to conduct. The
charge provided to the MOSFET gates initially
includes the charge stored in the external capacitor,
which causes the SSR to conduct much more quickly
than if only the photovoltaic current were used.
When the Load Voltage (VL) is first applied to the
inactive outputs, the external storage capacitor begins
to charge. To ensure proper operation, the storage
capacitor should be equal to or greater than the total
gate capacitance of the two output MOSFET switches.
The charge is passed through bootstrap diodes, which
prevent the charge from escaping and discharging the
capacitor through the MOSFET output switch when
the SSR is turned on. The input control current is
applied, then the charge is transferred from the
storage capacitor through the internal NPN bipolar
transistor along with the charge from the photovoltaic,
to the MOSFET gates to accomplish a rapid turn-on.
After the capacitor has discharged and the MOSFETs
have turned on, the photocurrent from the photovoltaic
continues to flow into the gates, keeping the
MOSFETs turned on.
When the input control current is removed, the gate
current stops flowing and the PNP bipolar transistor is
on, discharging the MOSFET gates. The MOSFETs
are now off. At this point the capacitor begins to
recharge for the next turn on cycle.
The non-conducting, optical coupling space between
the LED and the photovoltaics provides 3750Vrms of
isolation between the control input and the switched
output of the CPC1560.
Important things to note about the operation of the
CPC1560:
• The device is designed to maintain its guaranteed
operating characteristics with DC input control
current (IF) in the range of 2.5mA to 10mA (see
“Recommended Operating Conditions” on page 4). The
device will operate at input currents above and below
this range, but device operating characteristics are
not guaranteed.
• There is a minimum LED input current required for
the device to shut off: typically about 0.43mA at 25°C
(see “Electrical Specifications” on page 5).
• The output switch will only withstand a maximum of
60 volts across its terminals before breaking down
(see“Absolute Maximum Ratings” on page 3). The
maximum voltage generally occurs when the load is
off.
The CPC1560 has two different operating
configurations: unidirectional DC-only configuration,
and bidirectional AC/DC configuration.
In the unidirectional DC-only configuration, the device
switches load voltages with a fixed polarity, while in the
AC/DC configuration it can switch voltages with either
positive or negative polarities.
The advantage of operating the device in the DC-only
configuration is the ability to switch larger load
currents. The advantage of operating it in the AC/DC
configuration is the flexibility of switching load voltages
of either polarity.
4. Device Configuration
4.1 LED Resistor
To assure proper operation of the CPC1560, the LED
resistor selection should comply with the
recommended operating conditions. Although the LED
is capable of being operated up to the absolute
maximum ratings, this is not recommended.
Operating the LED beyond the recommended
operating conditions may prevent the current limit and
thermal shutdown functions from performing properly.
The equation used to calculate the max resistor value:
• I
F_MIN = Minimum Input Control Current
• V
IN_MIN = Minimum Input Power Source
• V
LOW_MAX = Maximum Logic Level Low Voltage
• V
F_MAX = Maximum Forward Voltage Drop of LED
• R
LED_MAX = Maximum Input Resistor to LED
RLED_MAX =
VIN_MIN - VLOW_MAX - VF_MAX
IF_MIN
V
IN
+
V
F
-
V
LOW
R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com